Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 12Page - STMicroelectronics L9942 Datasheet HTML 13Page - STMicroelectronics L9942 Datasheet HTML 14Page - STMicroelectronics L9942 Datasheet HTML 15Page - STMicroelectronics L9942 Datasheet HTML 16Page - STMicroelectronics L9942 Datasheet HTML 17Page - STMicroelectronics L9942 Datasheet HTML 18Page - STMicroelectronics L9942 Datasheet HTML 19Page - STMicroelectronics L9942 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Electrical specifications
L9942
16/40
Doc ID 11778 Rev 7
3.4
Electrical characteristics
VS = 7 to 20 V, VCC = 3.0 to 5.3 V, Tj = -40 to 150 °C, IREF = -200 µA, unless otherwise
specified. The voltages are referred to GND and currents are assumed positive, when the
current flows into the pin.
3.4.1
Supply
Table 8.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IS
VS DC supply current in active
mode
VS = 13.5 V, EN=VCC outputs
floating
-7
20
mA
VS quiescent supply current
VS = 13.5 V, TEST,
EN = 0V outputs
floating
Tj = -40 °C
to 25 °C
-3
10
µA
Tj = 125 °C
-6
20
ICC
VCC DC supply current in
active mode
VCC = 5.0 V EN=VCC,
DI=CLK=STEP=0V
-1
3
mA
VCC = 5.0 V TEST;
EN = 0 V; CSN =
VCC no clocks
outputs floating
Tj = -40 °C
to 25 °C
-1
3
µA
ICC
VCC quiescent supply current
CSN=VCC no
clocks outputs
floating
Tj = 125 °C
-2
6
µA
VS = 13.5 V, VCC =
5.0 V
Tj = -40 °C
to 25 °C
-4
13
µA
IS + ICC
Sum quiescent supply current
TEST; EN=0 V
CSN=VCC no
clocks outputs
floating
Tj = 125 °C
-8
26
tsetPOR
(1)
VCC on set up time
EN = 5 V, CSN=CLK=0V DO
changes from high ohmic to logic
level LOW
2
-
-
µs
1.
This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com