Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 27Page - STMicroelectronics L9942 Datasheet HTML 28Page - STMicroelectronics L9942 Datasheet HTML 29Page - STMicroelectronics L9942 Datasheet HTML 30Page - STMicroelectronics L9942 Datasheet HTML 31Page - STMicroelectronics L9942 Datasheet HTML 32Page - STMicroelectronics L9942 Datasheet HTML 33Page - STMicroelectronics L9942 Datasheet HTML 34Page - STMicroelectronics L9942 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
L9942
Logic with SPI - electrical characteristics
Doc ID 11778 Rev 7
31/40
Figure 12.
SPI - DO valid data delay time and valid time
Figure 13.
DO enable and disable time
0.8 VCC
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
0.2 VCC
CLK
DO
(low to high)
DO
(highto low)
0.5 VCC
t
rin
t
rDO
t
f DO
t
dDO
t
f in
CS N
t
f i n
r i n
t
DO
DO
e n D O tr i L
t
t
di s D O L t r i
50 %
0. 8 V C C
0. 2 V C C
50 %
50 %
e n D O tr i H
t
t
di s D O H t r i
C
= 10 0 p F
L
C
= 10 0 p F
L
pu l l - u p l o a d t o V C C
pu l l - d o w n l o ad t o G N D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com