Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 7Page - STMicroelectronics L9942 Datasheet HTML 8Page - STMicroelectronics L9942 Datasheet HTML 9Page - STMicroelectronics L9942 Datasheet HTML 10Page - STMicroelectronics L9942 Datasheet HTML 11Page - STMicroelectronics L9942 Datasheet HTML 12Page - STMicroelectronics L9942 Datasheet HTML 13Page - STMicroelectronics L9942 Datasheet HTML 14Page - STMicroelectronics L9942 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
L9942
Device description
Doc ID 11778 Rev 7
11/40
slow decay mode always. Otherwise one of the fast decay modes is automatic selected for a
quick decrease of the load current and so it obtains new lower target value.
2.10
Overcurrent detection
The overcurrent detection circuit monitors the load current in each activated output stage. In
HS stage it is in function after detection of current limit during PWM cycle and in LS stage it
works permanently. If the load current exceeds the overcurrent detection threshold for at
least tISC = 4 µs, the overcurrent flag is set and the corresponding driver is switched off to
reduce the power dissipation and to protect the integrated circuit. Error condition is latched
and the microcontroller needs to clear the status bits to reactivate the drivers.
2.11
Open load detection
The open load detection monitors the activity time of the PWM controller and is available for
each phase. If the limit of load current is below around 100mA then open load condition is
detectable. Open load bit for a bridge is set in the register6 if this low current limit can't
reached after at least 15 consecutive PWM cycles.
Truth table shows possible profiles for active open load detection. Maximum threshold IOL is
shown in left column if x bits are 1 (see also Figure 7). Lowest possible limit is e.g. 3.1 mA
for DC2=DC1=DC0=0 and it is set only I0=1.
2.12
Stepping modes
One full revolution can consist of four full steps, eight half steps, sixteen mini steps or 32
microsteps.
Mode is set up in register 0 and it defines increment size of phase counter. Phase counter
value defines address of corresponding current profile. Stepping modes with typical profile
values can see in Figure 3 (e.g. also so called 'Two Phase On' shown in dashed line).
Table 3.
Truth table
DC2
DC1
DC0
I4
I3
I2
I1
I0
max. IOL
0000
xxxx
46mA
0010
xxxx
68mA
01000
x
x
x
52mA
01100
x
x
x
81mA
100000
x
x
53mA
101000
x
x
78mA
11000001
37mA
11100001
44mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com