Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 11Page - STMicroelectronics L9942 Datasheet HTML 12Page - STMicroelectronics L9942 Datasheet HTML 13Page - STMicroelectronics L9942 Datasheet HTML 14Page - STMicroelectronics L9942 Datasheet HTML 15Page - STMicroelectronics L9942 Datasheet HTML 16Page - STMicroelectronics L9942 Datasheet HTML 17Page - STMicroelectronics L9942 Datasheet HTML 18Page - STMicroelectronics L9942 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
L9942
Electrical specifications
Doc ID 11778 Rev 7
15/40
3.3
Thermal data
Figure 5.
Thermal data of the package
Table 6.
Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 150
°C
Table 7.
Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max.
Unit
TjTW ON
Temperature warning
threshold junction
temperature
Tj increasing
-
-
150
°C
TjTW OFF
Temperature warning
threshold junction
temperature
-130
-
-
°C
TjSD ON
Thermal shutdown threshold
junction temperature
--
-
170
°C
TjSD OFF
Thermal shutdown threshold
junction temperature
-150
-
-
°C
TjSD HYS
Thermal shutdown hysteresis
-
-
5
-
K
Note:
1s
1 signal layer
2s2p 2 signal layers 2 internal planes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com