Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 19Page - STMicroelectronics L9942 Datasheet HTML 20Page - STMicroelectronics L9942 Datasheet HTML 21Page - STMicroelectronics L9942 Datasheet HTML 22Page - STMicroelectronics L9942 Datasheet HTML 23Page - STMicroelectronics L9942 Datasheet HTML 24Page - STMicroelectronics L9942 Datasheet HTML 25Page - STMicroelectronics L9942 Datasheet HTML 26Page - STMicroelectronics L9942 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
L9942
SPI - control and status registers
Doc ID 11778 Rev 7
23/40
5
SPI - control and status registers
5.1
Register 0
The meaning of the different bits is as follows:
:
Table 14.
Register 0
Bit
Phase counter
Decay mode
Slew rate
Step mode
DIR
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
r w
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
Name
P4
P3
P2
P1
P0
DM2
DM1
DM0
SR1
SR0
ST1
ST0
DIR
DIR
This bit controls direction of motor movement. DIR=1 clockwise DIR=0 counter clockwise.
ST1 ST0
This bits controls step mode of motor movement (Figure 3).
00
Micro-stepping
01
Mini-stepping
10
Half-stepping
11
Full-stepping
SR1 SR0
This bit controls slew rate of bridge switches. See also parameter Table 13
DM2 DM1 DM0
This bits controls decay mode of output current (Figure 3).
000
Slow decay
001
Mixed decay, fast decay until TMD > 4 µs
010
Mixed decay, fast decay until TMD > 8 µs
011
Mixed decay, fast decay until
current undershoot Tmc =TFT +TCC
100
Auto decay, fast decay without delay time
Auto decay uses mixed decay automatically
to reduce current for next step if required
(see Figure 3 down right).
101
Auto decay, fast decay until TMD > 4 µs
110
Auto decay, fast decay until TMD > 8 µs
111
Auto decay, fast decay until current
undershoot Tmc
P4 P3 P2 P1 P0
This bits control position of motor, e.g. 00000 step angle
is 0°, 01111 step angle is 180 °.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com