Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 32Page - STMicroelectronics L9942 Datasheet HTML 33Page - STMicroelectronics L9942 Datasheet HTML 34Page - STMicroelectronics L9942 Datasheet HTML 35Page - STMicroelectronics L9942 Datasheet HTML 36Page - STMicroelectronics L9942 Datasheet HTML 37Page - STMicroelectronics L9942 Datasheet HTML 38Page - STMicroelectronics L9942 Datasheet HTML 39Page - STMicroelectronics L9942 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Package information
L9942
38/40
Doc ID 11778 Rev 7
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 18.
PowerSSO24 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.45
0.0965
A2
2.15
2.35
0.084
0.0925
a1
0
0.10
0
0.003
b
0.33
0.51
0.013
0.020
c
0.23
0.32
0.009
0.012
D (1)
10.10
10.50
0.398
0.413
E (1)
7.40
7.60
0.291
0.299
e0.80
0.031
e3
8.80
0.346
F2.30
0.090
G
0.10
0.004
G1
0.06
0.002
H
10.10
10.50
0.398
0.413
h
0.40
0.016
k
0˚ (min.), 8˚ (max.)
L
0.55
0.85
0.0217
0.0335
O
1.20
0.047
Q
0.80
0.031
S
2.90
0.114
T
3.65
0.143
U
1.0
0.039
N
10˚ (max)
X
4.10
4.70
0.161
0.185
Y
6.50
4.90(4)
7.10
5.50(4)
0.256
0.192(4)
0.279
0.216(4)
(1) “D and E1” do not include mold flash or protusions.
Mold flash or protusions shall not exceed 0.15mm (0.006”)
(2) No intrusion allowed inwards the leads.
(3) Flash or bleeds on exposed die pad shall not exceed 0.4 mm per side
(4) Variation for small window leadframe option.
PowerSSO24
7412818 I
(Exposed pad down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com