Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9942 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 25Page - STMicroelectronics L9942 Datasheet HTML 26Page - STMicroelectronics L9942 Datasheet HTML 27Page - STMicroelectronics L9942 Datasheet HTML 28Page - STMicroelectronics L9942 Datasheet HTML 29Page - STMicroelectronics L9942 Datasheet HTML 30Page - STMicroelectronics L9942 Datasheet HTML 31Page - STMicroelectronics L9942 Datasheet HTML 32Page - STMicroelectronics L9942 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
L9942
Logic with SPI - electrical characteristics
Doc ID 11778 Rev 7
29/40
6.3
Outputs: DO, PWM
6.4
Output: DO timing
6.5
CSN timing
Table 23.
Outputs: DO, PWM
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOoutL
Output low level
VCC = 5 V, ID = 2 mA
-
0.2
0.4
V
VPWMoutL
VDOoutH
output high level
VCC = 5 V, ID = -2 mA
VCC -
0.4
VCC -
0.2
-V
VPWMoutH
IDOoutLK
Tristate leakage current
VCSN = VCC,
0 V < VDO< VCC
-10
-
10
µA
IPWMoutLK Tristate leakage current
Register3bit5=1 (NPWM)
0 V < VPWM < VCC
-10
-
10
µA
Cout
(1)
Tristate input capacitance
VCSN = VCC,
0 V < VCC < 5.3 V
-
10
15
pF
Table 24.
Output: DO timing (see Figure 12 and Figure 13)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr DO
DO rise time
CL = 100 pF, Iload = -1 mA
-
50
100
ns
tf DO
DO fall time
CL = 100 pF, Iload = 1 mA
-
50
100
ns
ten DO tri L
DO enable time from tristate to low
level
CL = 100 pF, Iload = 1 mA pull-
up load to VCC
-
50
250
ns
tdis DO L tri
DO disable time from low level to
tristate
CL = 100 pF, Iload = 4 mA pull-
up load to VCC
-
50
250
ns
ten DO tri H
DO enable time from tristate to
high level
CL = 100 pF, Iload = -1 mA pull-
down load to GND
-
50
250
ns
tdis DO H tri
DO disable time from high level to
tristate
CL = 100 pF, Iload = -4 mA
pull-down load to GND
-
50
250
ns
td DO
DO delay time
VDO < 0.3 VCC, VDO > 0.7
VCC, CL = 100 pF
-
50
250
ns
Table 25.
CSN timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCSN_HI,min
(1)
CSN high time, active mode
Transfer of SPI-command to
Input Register
2
-
-
µs
1.
Parameter guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com