Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 5Page - STMicroelectronics STA680D Datasheet HTML 6Page - STMicroelectronics STA680D Datasheet HTML 7Page - STMicroelectronics STA680D Datasheet HTML 8Page - STMicroelectronics STA680D Datasheet HTML 9Page - STMicroelectronics STA680D Datasheet HTML 10Page - STMicroelectronics STA680D Datasheet HTML 11Page - STMicroelectronics STA680D Datasheet HTML 12Page - STMicroelectronics STA680D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
DS5877 Rev 13
9/48
STA680
Block diagram and pin description
47
1.2.3
Ball-out list
The Table 2 describes the primary function and behavior of the STA680 pins.
Table 2. Ball-out description
LFBGA
Ball #
TFBGA
Ball #
Signal name
Type
Pull-up
/down(1)
Electrical
Supply
group
Description
Test
A13
C13
TESTMODE
I
Pull-down
3.3 V
Generic
IO
supply
Factory test mode enable
Standard 1149.1 JTAG interface
B14
J6
TRST_N
I
Pull-up
3.3 V
Generic
IO
supply
JTAG active-low test reset
C12
H5
TCK
I
Pull-down
3.3 V
Generic
IO
supply
JTAG test clock
D12
K6
TMS
I
Pull-up
3.3 V
Generic
IO
supply
JTAG test mode state
C11
J5
TDI
I
Pull-up
3.3 V
Generic
IO
supply
JTAG test data in
D11
H6
TDO
O
-
3.3 V
Generic
IO
supply
JTAG test data out
GPIO & UART interfaces
A11
A12
RTS_GPIO0
I/O
Pull-up
3.3 V
Generic
IO
supply
UART ready to send / GPIO
bit 0
B11
C11
CTS_GPIO1
I/O
Pull-up
3.3 V
Generic
IO
supply
UART clear to send / GPIO
bit 1
A10
A11
TXD_GPIO2
I/O
Pull-up
3.3 V
Generic
IO
supply
UART transmit data / GPIO
bit 2
B10
B11
RXD_GPIO3
I/O
Pull-up
3.3 V
Generic
IO
supply
UART receive data / GPIO
bit 3
D10
M15
GPIO4
I/O
Pull-up
3.3 V
Generic
IO
supply
GPIO bit 4
B1
M14
GPIO5
I/O
Pull-up
3.3 V
Generic
IO
supply
GPIO bit 5
A2
N16
GPIO6
I/O
Pull-up
3.3 V
Generic
IO
supply
GPIO bit 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com