Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 20Page - STMicroelectronics STA680D Datasheet HTML 21Page - STMicroelectronics STA680D Datasheet HTML 22Page - STMicroelectronics STA680D Datasheet HTML 23Page - STMicroelectronics STA680D Datasheet HTML 24Page - STMicroelectronics STA680D Datasheet HTML 25Page - STMicroelectronics STA680D Datasheet HTML 26Page - STMicroelectronics STA680D Datasheet HTML 27Page - STMicroelectronics STA680D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Operation and general remarks
STA680
24/48
DS5877 Rev 13
Figure 6 shows a simplified version of the internal clock generation unit.
Figure 6. Clock generation unit
Clock generation unit
Some remarks on the clock input pin follow:
OSC_IN is always a 1.8 V input pin;
CLK_IN, BB1_BCK are 3.3 V;
When the clock is fed through the CLK_IN pin, the OSC_IN pin must be connected to
ground (and vice versa);
The BB1_BCK pin is the bit clock of the digital interface to the baseband Tuner. When
this pin is selected as input for the reference clock, the selected clock frequency must
be chosen compatibly with the Primary baseband Interface settings (see Section 5.2):
–
10.4 MHz = 16 * 650 kHz
 BBI set to 650 Ksample/s
–
10.8 MHz = 16 * 675 kHz
 BBI set to 675 Ksample/s;
When the device reference clock comes from BB1_BCK it is suggested to connect the
OSC_IN to ground and to tie the CLK_IN pin to its high value (3.3 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com