Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 19Page - STMicroelectronics STA680D Datasheet HTML 20Page - STMicroelectronics STA680D Datasheet HTML 21Page - STMicroelectronics STA680D Datasheet HTML 22Page - STMicroelectronics STA680D Datasheet HTML 23Page - STMicroelectronics STA680D Datasheet HTML 24Page - STMicroelectronics STA680D Datasheet HTML 25Page - STMicroelectronics STA680D Datasheet HTML 26Page - STMicroelectronics STA680D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
DS5877 Rev 13
23/48
STA680
Operation and general remarks
47
3
Operation and general remarks
3.1
Clock schemes
The STA680 needs an external clock source to drive the internal Phase Locked Loops
(PLLs) that generate the clocks needed by the DSP cores and their peripherals.
The STA680 accepts several external reference clock sources, as listed below:
The reference clock can be supplied through the use of an external crystal or as a
digital signal coming from an external IC.
The reference clock can have different frequencies and different input pins can be
used.
The selection of the clock input mode is performed during the power-on phase of the device
by latching the value of the pins ADAT3, BLEND and DAC256X on the rising edge of the
RESET_N signal (see Section 3.2); these values shall be selected according to Table 3.
Table 3. Reference clock configuration
[ADAT3, BLEND,
DAC256X]
Clock type
Input pin
Clock frequency
(MHz)
[0,0,0] (1)
1. Default setting.
Crystal
OSC_IN
28.224
[0,0,1]
Digital
OSC_IN or CLK_IN (2)
2. When using OSC_IN pin to input the reference clock the CLK_IN pin must be connected to ground and vice
versa.
23.3472
[0,1,0]
Digital
OSC_IN or CLK_IN (2)
36.48
[0,1,1]
Digital
OSC_IN or CLK_IN (2)
2.9184
[1,0,0]
Digital
BB1_BCK(3)
3. When using BB1_BCK to input the reference clock it is suggested to connect the OSC_IN to ground and to
tie the CLK_IN pin to high value (3.3 V).
10.4
[1,0,1]
Digital
BB1_BCK(3)
10.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com