Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 36Page - STMicroelectronics STA680D Datasheet HTML 37Page - STMicroelectronics STA680D Datasheet HTML 38Page - STMicroelectronics STA680D Datasheet HTML 39Page - STMicroelectronics STA680D Datasheet HTML 40Page - STMicroelectronics STA680D Datasheet HTML 41Page - STMicroelectronics STA680D Datasheet HTML 42Page - STMicroelectronics STA680D Datasheet HTML 43Page - STMicroelectronics STA680D Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Electrical specifications
STA680
40/48
DS5877 Rev 13
Ilpd
Low level input
leakage current on
pull-down(8)
Vi = 0 V-
-
10
μA
Rpu
Equivalent pull-up
resistance(9)
3.3 V supply mode Vi = 0.1 V
52
-
180
kΩ
Rpd
Equivalent pull-
down resistance(10)
3.3 V supply mode Vi = 3.5 V
52
-
180
kΩ
Vil
Low level input
voltage
3.3 V supply mode
-0.3
-
0.7
V
Vih
High level input
voltage
3.3 V supply mode
2.0
-
VDD_
GEN_IO
+0.3
V
Vhyst
Input hysteresis
voltage
3.3 V supply mode
50
-
-
mV
Voh
Output high voltage
Ioh =XmA(11)
VDD_G
EN_IO
– 0.4V
--
V
Vol
Output low voltage
Iol =XmA(11)
-
-
0.3
V
Ilatchup
Injection current
Maximum operating junction temperature
100
-
-
mA
Iil_ram
Low level input
leakage current(5)
Vi = 0V
-
-
4
μA
Iih_ram
High level input
leakage current(5)
Vi = VDD_RAM_IO
-
-
4
μA
Ilpu_ram
High level input
leakage current on
pull up(7)
Vi = VDD_RAM_IO
-
-
4
μA
Ipu_ram
Pull-up current
Vi = 0.1V
40
-
150
μA
Rpu_ram
Equivalent pull-up
resistance(9)
Vi = 0.1V
23
-
87
kΩ
Vil_ram
Low level input
voltage
-
0.8
-
-
V
Vih_ram
High level input
voltage
--
-
2
V
Vhyst_ram
Schmitt trigger
hysteresis
-
300
-
800
mV
Voh_ram
High level output
voltage
Ioh = -XmA(11)
VDD_R
AM_IO
-0.4
--
V
Vol_ram
Low level output
voltage
Iol =XmA(11)
-
-
0.3
V
Idc
3V3 to 1V8 DC
regulator output
current
-
-
-
100
mA
Table 20. DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com