Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 34Page - STMicroelectronics STA680D Datasheet HTML 35Page - STMicroelectronics STA680D Datasheet HTML 36Page - STMicroelectronics STA680D Datasheet HTML 37Page - STMicroelectronics STA680D Datasheet HTML 38Page - STMicroelectronics STA680D Datasheet HTML 39Page - STMicroelectronics STA680D Datasheet HTML 40Page - STMicroelectronics STA680D Datasheet HTML 41Page - STMicroelectronics STA680D Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Electrical specifications
STA680
38/48
DS5877 Rev 13
6
Electrical specifications
6.1
Absolute maximum ratings
6.2
Thermal data
Table 18. Absolute maximum rating
Symbol
Parameter
Test condition
Min
Max
Units
VDD
Core supply voltage
-
-0.30
1.47
V
VDD_GEN_IO
Generic IO supply voltage
-
-0.30
3.60
V
VDD_FSH_IO
Flash IO supply voltage
-
-0.30
3.60
V
VDD_RAM_IO
SDRAM IO supply voltage
-
-0.30
3.60
V
VDD_OSC
Osc 1V8 supply voltage
-
-0.30
2.75
V
VDD_PLL_ANA
PLL analog supply voltage
-
-0.30
2.75
V
VDD_PLL_DIG
PLL digital supply voltage
-
-0.30
1.47
V
VDD_SAF
SAF core supply voltage
-
-0.30
1.47
V
Vi
Voltage on input pin
-
-0.50
VDDIO+0.5
V
Vo
Voltage on output pin
-
-0.50
VDDIO+0.5
V
VESD
ESD absolute minimum
withstand voltage
R = 1.5 kΩ; C = 1.5 pF
Human Body Model,
LFBGA package
>|±1000|
V
Charged device mode,
LFBGA package
>|±500|
Table 19. Thermal data
Symbol
Parameter
Test condition
Value
Unit
Rth j-amb
Thermal resistance junction-to-ambient
BGA package,
JEDEC 2s2p PCB, free air
44
°C/W
Tstg
Storage temperature
-
-55 to 150
°C
Tamb
Operating ambient temperature
-
-40 to 85
°C
Tj, max
Maximum junction temperature
-
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com