Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 31Page - STMicroelectronics STA680D Datasheet HTML 32Page - STMicroelectronics STA680D Datasheet HTML 33Page - STMicroelectronics STA680D Datasheet HTML 34Page - STMicroelectronics STA680D Datasheet HTML 35Page - STMicroelectronics STA680D Datasheet HTML 36Page - STMicroelectronics STA680D Datasheet HTML 37Page - STMicroelectronics STA680D Datasheet HTML 38Page - STMicroelectronics STA680D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
DS5877 Rev 13
35/48
STA680
Digital I/O and memory interfaces
47
5.6
I2C interfaces
The STA680 features two I2C interfaces. For the relevant pin description see Table 13.
The data pin of the I2C interface is an open drain driver and it needs a resistive pull- up as
required by Philips® I2C specification.
Figure 12 shows timing diagrams and waveform for the two I2C interface.
Figure 12. Timing diagrams and waveform for the two I2C interfaces
In Table 14 the timing values for the I2C interfaces are reported.
Table 13. Host and auxiliary I2C interface pin list
Pin name
Designation
Type
Drive
IIC1_SCL
Host Micro I2C interface serial clock line
I/O
4mA
IIC1_SDA
Host Micro I2C interface serial data line
I/O
4mA
IIC1_DA
Host Micro I2C interface data acknowledged
I/O
4mA
IIC2_SCL
Auxiliary I2C interface serial clock line
I/O
4mA
IIC2_SDA
Auxiliary I2C interface serial data line
I/O
4mA
IIC2_DA
Auxiliary I2C interface data acknowledged
I/O
4mA
Table 14. I2C interface timing values
Symbol
Parameter
Standard-mode
Fast-mode
Unit
Min.
Max.
Min.
Max.
Fscl
SCL clock frequency
-
100
-
400
kHz
Tlow
Low period of SCL clock
4.7
-
1.3
-
μs
Thigh
High period of SCL clock
4
-
0.6
-
μs
Th, dat
Data hold time
5
-
-
-
μs
Ts, dat
Data setup time
250
-
100
-
μs
Th, sta
Hold time for start condition
4
-
0.6
-
μs
Ts, sto
Setup time for stop
condition
4
-
0.6
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com