Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 37Page - STMicroelectronics STA680D Datasheet HTML 38Page - STMicroelectronics STA680D Datasheet HTML 39Page - STMicroelectronics STA680D Datasheet HTML 40Page - STMicroelectronics STA680D Datasheet HTML 41Page - STMicroelectronics STA680D Datasheet HTML 42Page - STMicroelectronics STA680D Datasheet HTML 43Page - STMicroelectronics STA680D Datasheet HTML 44Page - STMicroelectronics STA680D Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
DS5877 Rev 13
41/48
STA680
Electrical specifications
47
CL
Output load for triple
voltage pads
3.3 V supply mode (for
both 4 mA and 8 mA)
60 MHz
-
-
30
pF
75 MHz
-
-
20
pF
CL,3V3
Output load for 3.3 V
pads
4 mA buffer
140 MHz
-
-
10
pF
8 mA buffer
140 MHz
-
-
20
pF
CL, DC
DC regulator output
load(12)
-
2.2
-
4.7
μF
1. DC operating voltage limits only apply for the case of external 1.8 V power supply. If connected to VDD_REG_1V8 supply
pad, DC operating voltage limits are covered by manufacturing tests.
2. Current consumption and power dissipation measured for single channel software application (HD 1.0) running at 127 MHz
on core and 65 MHz on SDRAM interface with FW version STA680-51001569-0D000003-C0004.000.
3. Current consumption and power dissipation measured for dual channel software application (HD 1.5) running at 127 MHz
on core and 130 MHz on SDRAM interface with FW version STA680-51001569-0D000033-C0004.000.
4. VDD_IO generally refers to the supply of the VDD_GEN_IO, VDD_FSH_IO and VDD_RAM_IO groups.
5. Performed on all the input pins excluded the pull-down and pull-up ones.
6. VDD_GEN_IO may be VDD_FHS_IO or VDD_GEN_IO depending on interface considered.
7. Performed only on the Input pins with pull up.
8. Performed only on the Input pins with pull down.
9. Guaranteed by Ipu measurements.
10. Guaranteed by Ipd measurements.
11. XmA = 4mA for a BD4, 8 mA for BD8 pad type.
12. Dielectric = X7R ESRmax = 100 ohm, 2.2 μF ±5% or any above 3 μF±10% but less than 4.7 μF±10%.It is also
recommended to distribute the 2.2 μF capacitance on the board by placing equivalent number of smaller capacitance value
(for example, 470 nF) near each VDD_REG1V8 supply pad.
Table 20. DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com