Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 33Page - STMicroelectronics STA680D Datasheet HTML 34Page - STMicroelectronics STA680D Datasheet HTML 35Page - STMicroelectronics STA680D Datasheet HTML 36Page - STMicroelectronics STA680D Datasheet HTML 37Page - STMicroelectronics STA680D Datasheet HTML 38Page - STMicroelectronics STA680D Datasheet HTML 39Page - STMicroelectronics STA680D Datasheet HTML 40Page - STMicroelectronics STA680D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
DS5877 Rev 13
37/48
STA680
Digital I/O and memory interfaces
47
Figure 13. Timing diagrams and waveform for the SDRAM interface
Table 17 reports the timing values for the SDRAM interface
For power saving and reduced interference on the board, the SDRAM speed can be
programmed to work at half speed with respect to the internal data processing:
Full Rate SW application: the SDRAM interface works at the same frequency as the
internal data processing (HD 1.0 and HD 1.5 applications supported);
Half Rate SW application: the SDRAM interface works at half frequency with respect to
the internal data processing (only available for HD 1.0 application upon specific
request).
Table 17. SDRAM interface timing values
Symbol
Parameter
Condition
Software
application
Min.
Max.
Unit
Tck
SCL clock period
Core in normal
drive
Full rate
7.35
-
ns
Half rate
12.05
-
Tch
CLK high level width
-
-
2.5
-
ns
Tcl
CLK low level width
-
-
2.5
-
ns
Toh
Data out hold time
-
-
0.9
-
ns
Tos
Data out setup time
-
-
1.5
-
ns
Tis
Data In setup time
-
-
0.8
-
ns
Tih
Data In hold time
-
-
1.6
-
ns
Tt
Transition time
-
-
-
1.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com