Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 29Page - STMicroelectronics STA680D Datasheet HTML 30Page - STMicroelectronics STA680D Datasheet HTML 31Page - STMicroelectronics STA680D Datasheet HTML 32Page - STMicroelectronics STA680D Datasheet HTML 33Page - STMicroelectronics STA680D Datasheet HTML 34Page - STMicroelectronics STA680D Datasheet HTML 35Page - STMicroelectronics STA680D Datasheet HTML 36Page - STMicroelectronics STA680D Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
DS5877 Rev 13
33/48
STA680
Digital I/O and memory interfaces
47
5.5
Serial peripheral interfaces (SPI)
The STA680 provides three serial peripheral interfaces:
SPI1 is intended for communicating with the Host Microcontroller (slave);
SPI2 interfaces the STA680 to the external flash memory (master);
SPI3 - Reserved.
Figure 11 shows the timing diagrams and waveform for the three SPI interfaces.
Figure 11. SPI interface timings diagrams and waveforms
Table 10 shows the timing values for the SPI interface used in application.
Table 10. SPI interface timing values
Symbol
Parameter
Working rate
Unit
Min.
Max.
Tss
Chip select
8/Fsck
-
ns
Fsck
Serial bit clock, slave mode
-
7056
kHz
Fsck
Serial bit clock, master mode
-
28224
kHz
Th
Data hold time
7
-
ns
Ts
Data setup time
15
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com