Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 22Page - STMicroelectronics STA680D Datasheet HTML 23Page - STMicroelectronics STA680D Datasheet HTML 24Page - STMicroelectronics STA680D Datasheet HTML 25Page - STMicroelectronics STA680D Datasheet HTML 26Page - STMicroelectronics STA680D Datasheet HTML 27Page - STMicroelectronics STA680D Datasheet HTML 28Page - STMicroelectronics STA680D Datasheet HTML 29Page - STMicroelectronics STA680D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Power supply ramp-up phase
STA680
26/48
DS5877 Rev 13
4
Power supply ramp-up phase
The external power supply circuit on the board has to ensure that all the power supplies are
ramped up to their specified levels. The ramp up phase of each power domain should start
at the same time.
The RESET_N pin must be kept low from the beginning.
For normal applications, the TESTMODE pin (Factory test mode enable) must be connected
to ground.
4.1
Oscillator setting time
Once the power supply has reached the operating level, the internal voltage regulator gets
functional after TDC1V8 = 1ms (see Table 4) and starts supplying the 1.8 V voltage to internal
IPs such as PLLs and Crystal Oscillator.
The PLL is powered up but not yet functional since the internal logic keeps it in bypass
mode until a stable clock is available and STA680 has entered the secondary boot phase.
As shown in Figure 7, if an external crystal is connected to the internal oscillator this will
output a correct waveform after TOSC = 400 μs (seeTable 4).
Alternatively, if no crystal is used, a digital clock must be supplied according to the
instructions detailed in Section 3.1. In this case the Power On timing diagram is the same as
Figure 7 where OSC_OUT is substituted by the external supplied stable reference clock
(alternatively BB1_BCK or CLK_IN).
The RESET_N pin must be kept low for an additional TRST = 2 ms both when using a crystal
and when using an external reference clock.
As described in Section 3.1 the internal clock configuration is defined by the status of the
pins ADAT3, BLEND and DAC256X; this is latched on the rising edge of the RESET_N
signal.
The voltage of the three pins must be stable from at least TCFG = 0.1 μs before the rising
edge of the RESET_N signal.
4.2
Boot sequence
Once the RESET_N signal has been released and the power up sequence correctly
executed, the STA680 enters the boot procedure, which consists of two phases:
1.
device setup
2.
application authentication and download.
During the first phase, the STA680 executes the on-chip primary boot code contained in the
Boot ROM.
The primary boot synchronizes the internal cores, initializes the SPI and IIC interfaces and
automatically selects the secondary boot code source by looking for a pre-defined pattern
into UART1, ,Flash (SPI2), IIC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com