Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680D Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 23Page - STMicroelectronics STA680D Datasheet HTML 24Page - STMicroelectronics STA680D Datasheet HTML 25Page - STMicroelectronics STA680D Datasheet HTML 26Page - STMicroelectronics STA680D Datasheet HTML 27Page - STMicroelectronics STA680D Datasheet HTML 28Page - STMicroelectronics STA680D Datasheet HTML 29Page - STMicroelectronics STA680D Datasheet HTML 30Page - STMicroelectronics STA680D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
DS5877 Rev 13
27/48
STA680
Power supply ramp-up phase
47
Once the source of the secondary boot code has been identified, the STA680 executes the
following steps:
1.
code authentication
2.
SDRAM initialization
3.
secondary boot code download to SDRAM.
In order to decrease the boot time during the secondary phase, the STA680 performs the
setup of the PLLs and sets the internal clock frequency to 28.224 MHz (see Figure 7).
Subsequently it downloads and validates the application code either from the external Flash
memory or from the host microcontroller. This ends the boot procedure.
4.3
Normal operation mode
After the execution of the boot code, the device enters the normal operation mode by
jumping to the main program loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com