Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 13Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 14Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 15Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 16Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 17Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 18Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 19Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 20Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
17
7. 2 Random Read
Random read is used to read the data at an arbitrary memory address.
A dummy write is performed to load the memory address into the address counter.
When the E
2PROM receives a 7-bit device address and a 1-bit read / write instruction code set to "0"
following a start condition, it responds with an acknowledge. The E
2PROM then receives an 8-bit word
address and responds with an acknowledge. The memory address is loaded to the address counter in the
E
2PROM by these operations. Reception of write data does not follow in a dummy write whereas reception
of write data follows in a byte write and in a page write.
Since the memory address is loaded into the memory address counter by dummy write, the master device
can read the data starting from the arbitrary memory address by transmitting a new start condition and
performing the same operation in the current address read.
That is, when the E
2PROM receives a 7-bit device address and a 1-bit read / write instruction code set to
"1", following a start condition signal, it responds with an acknowledge. Next, 8-bit data is transmitted from
the E
2PROM in synchronous to the SCL clock. The master device outputs stop condition not an
acknowledge , the reading of E
2PROM is ended.
SDA
LINE
S
T
A
R
T
W
R
I
T
E
DEVICE
ADDRESS
WORD
ADDRESS (n)
M
S
B
DUMMY WRITE
S
T
A
R
T
R
E
A
D
DEVICE
ADDRESS
M
S
B
A
C
K
L
S
B
NO ACK from
Master Device
S
T
O
P
ADR INC
DATA
A
C
K
A
C
K
L
S
B
R
/
W
R
/
W
Remark1. A1 is P1 in the S-24CS08A.
2. A0 is P0 in the S-24CS04A/08A.
3. W7 is optional in the S-24CS01A.
1 0 1 0 A2 A1 A0 0
W7W6W5W4W3W2W1W0
1 0 1 0 A2 A1 A0 1
D7 D6 D5 D4 D3 D2 D1 D0
Figure 17 Random Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com