Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 26 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 26 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 22Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 23Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 24Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 25Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 26Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 27Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 28Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 29Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 30Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
26
6. Data hold time (tHD.DAT = 0 ns)
If SCL and SDA of the E
2PROM are changed at the same time, it is necessary to prevent the start/stop
condition from being mistakenly recognized due to the effect of noise. If a start/stop condition is mistakenly
recognized during communication, the E
2PROM enters the standby status.
It is recommended that SDA is delayed from the falling edge of SCL by 0.3
µs minimum in the S-
24CS01A/02A/04A/08A. This is to prevent time lag caused by the load of the bus line from generating the
stop (or start) condition.
SCL
SDA
tHD.DAT = 0.3
µs Min.
Figure 30 E
2PROM Data Hold Time
7. SDA pin and SCL pin noise suppression time
The S-24CS01A/02A/04A/08A includes a built-in low-pass filter to suppress noise at the SDA and SCL
pins. This means that if the power supply voltage is 5.0 V, noise with a pulse width of 160 ns or less can
be suppressed.
The guaranteed for details, refer to noise suppression time (tI) in Table 12.
Noise suppression time (tI) Max.
[ns]
200
100
300
2
3
4
5
Power supply voltage (VCC)
[V]
Figure 31 Noise Suppression Time for SDA and SCL Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com