Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 5Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 6Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 7Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 8Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 9Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 10Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 11Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 12Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
9
Pin Functions
1. Address Input Pins (A0, A1 and A2)
The slave address is assigned by connecting pins A0, A1 and A2 to the GND or to the VCC respectively.
One of the eight different slave address can be assigned to the S-24CS01A/02A by the combination of
pins A0, A1 and A2.
The slave address is assigned by connecting pins A1 and A2 to the GND or to the VCC respectively. One of
the four different slave address can be assigned to the S-24CS04A by the combination of pins A1 and A2.
The slave address is assigned by connecting the A2 pin to the GND or to the VCC respectively. The two
different slave address can be assigned to the S-24CS08A by A2 pin.
The given slave address, which is compared with the slave address transmitted from the master device, is
used to select the one among the multiple devices connected to the bus. The address input pin should be
connected to the GND or to the VCC.
2. SDA (Serial Data Input / Output) Pin
The SDA pin is used for bi-directional transmission of serial data. It consists of a signal input pin and an
Nch open-drain output pin.
The SDA line is usually pulled up to the VCC, and OR-wired with other open-drain or open-collector output
devices.
3. SCL (Serial Clock Input) Pin
The SCL pin is used for serial clock input. Since signals are processed at the rising or falling edge of the
SCL clock input signal, attention should be paid to the rising time and falling time to conform to the
specifications.
4. WP Pin
The write protection is enabled by connecting the WP pin to the VCC. When there is no need for write
protection, connect the pin to the GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com