Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 9Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 10Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 11Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 12Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 13Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 14Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 15Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 16Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
13
6. Write
6. 1 Byte Write
When the master sends a 7-bit device address and a 1-bit read / write instruction code set to "0",
following a start condition, the E
2PROM acknowledges it. The E2PROM then receives an 8-bit word
address and responds with an acknowledge. After the E
2PROM receives 8-bit write data and responds
with an acknowledge, it receives a stop condition and that initiates the write cycle at the addressed
memory.
During the write cycle all operations are forbidden and no acknowledge is generated.
A2 A1 A0
S
T
A
R
T
1
0
1
0
W
R
I
T
E
DEVICE
ADDRESS
R
/
W
M
S
B
SDA LINE
ADR INC
(ADDRESS INCREMENT)
A
C
K
L
S
B
0
WORD ADDRESS
S
T
O
P
DATA
W7 W6 W5 W4 W3 W2 W1 W0
D7 D6 D5 D4 D3 D2 D1 D0
A
C
K
A
C
K
Remark1. A1 is P1 in the S-24CS08A.
2. A0 is P0 in the S-24CS04A/08A.
3. W7 is optional in the S-24CS01A.
Figure 13 Byte Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com