Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 21Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 22Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 23Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 24Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 25Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 26Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 27Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 28Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
25
5. 2 Wait for the initialization sequence to end
The E
2PROM executes initialization during the time that the supply voltage is increasing to its normal
value. All instructions must wait until after initialization. The relationship between the initialization time
(tINIT) and rise time (tRISE) is shown in Figure 29.
Rise time (tRISE)
[s]
E
2PROM initialization
time (tINIT) Max.
[s]
100 m
10 m
1.0 m
100
µ
10
µ
1.0
µ
1.0
µ 10 µ 100 µ 1.0 m 10 m 100 m
Figure 29 Initialization Time of E
2PROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com