Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 14Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 15Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 16Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 17Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 18Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 19Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 20Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 21Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
18
7. 3 Sequential Read
When the E
2PROM receives a 7-bit device address and a 1-bit read / write instruction code set to "1"
following a start condition both in current and random read operations, it responds with an acknowledge.
An 8-bit data is then sent from the E
2PROM synchronous to the SCL clock and the address counter is
automatically incremented at the falling edge of the SCL clock for the 8th bit data.
When the master device responds with an acknowledge, the data at the next memory address is
transmitted. Response with an acknowledge by the master device has the memory address counter in the
E
2PROM incremented and makes it possible to read data in succession. This is called "Sequential Read".
The master device outputs stop condition not an acknowledge , the reading of E
2PROM is ended.
Data can be read in succession in the sequential read mode. When the memory address counter reaches
the last word address, it rolls over to the first memory address.
R
E
A
D
S
T
O
P
DEVICE
ADDRESS
R
/
W
ADR INC
A
C
K
A
C
K
A
C
K
1
ADR INC
A
C
K
ADR INC
SDA
LINE
DATA(n)
D7
D0
D7
D0
D7
D0
D7
D0
DATA (n+1)
DATA (n+2)
DATA (n+x)
NO ACK from
Master Device
ADR INC
Figure 18 Sequential Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com