Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 3Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 4Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 5Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 6Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 7Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 8Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 9Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 10Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
7
AC Electrical Characteristics
Table 11 Measurement Conditions
Input pulse voltage
0.1
×VCC to 0.9×VCC
Input pulse rising / falling time
20 ns
Output judgment voltage
0.5
×VCC
Output load
100 pF
+ Pull-up resistor 1.0 kΩ
VCC
R=1.0 k
Ω
SDA
C=100 pF
Figure 6 Output Load Circuit
Table 12
−40 to +85°C
+85 to +105°C
Item
Symbol
VCC=4.5 to 5.5 V VCC=2.55 to 4.5 V VCC=1.8 to 2.55 V VCC=4.5 to 5.5 V Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ. Max.
Min.
Typ.
Max.
SCL clock frequency
fSCL
0
400
0
400
0
100
0
350 kHz
SCL clock time "L"
tLOW
1.0
1.0
4.7
1.1
µs
SCL clock time "H"
tHIGH
0.9
0.9
4.0
1.0
µs
SDA output delay time
tAA
0.1
0.9
0.1
0.9
0.1
3.5
0.1
1.0
µs
SDA output hold time
tDH
50
50
100
50
ns
Start condition setup time
tSU.STA
0.6
0.6
4.7
0.6
µs
Start condition hold time
tHD.STA
0.6
0.6
4.0
0.6
µs
Data input setup time
tSU.DAT
100
100
200
100
ns
Data input hold time
tHD.DAT
0
0
0
0
ns
Stop condition setup time
tSU.STO
0.6
0.6
4.0
0.6
µs
SCL SDA rising time
tR
0.3
0.3
1.0
0.3
µs
SCL SDA falling time
tF
0.3
0.3
0.3
0.3
µs
Bus release time
tBUF
1.3
1.3
4.7
1.3
µs
Noise suppression time
tI
50
100
100
50
ns
SCL
SDA IN
SDA OUT
tBUF
tR
tSU.STO
tSU.DAT
tHD.DAT
tDH
tAA
tHIGH
tLOW
tHD.STA
tSU.STA
tF
Figure 7 Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com