Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 8Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 9Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 10Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 11Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 12Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 13Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 14Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 15Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
12
5. Device Addressing
To start communication, the master device on the system generates a start condition to the bus line. Next,
the master device sends 7-bit device address and a 1-bit read / write instruction code on to the SDA bus.
The 4 most significant bits of the device address are called the "Device Code", and are fixed to "1010".
In S-24CS01A/02A, successive 3 bits are called the "Slave Address". These 3 bits are used to identify a
device on the system bus and are compared with the predetermined value which is defined by the address
input pins (A0, A1 and A2). When the comparison result matches, the slave device responds with an
acknowledge during the 9th clock cycle.
In S-24CS04A, successive 2 bits are called the "Slave Address". These 2 bits are used to identify a device
on the system bus and are compared with the predetermined value which is defined by the address input
pins (A1 and A2). When the comparison result matches, the slave device responds with an acknowledge
during the 9th clock cycle.
The successive 1 bit (P0) is used to define a page address and choose the two 256-byte memory blocks
(Address 000h to 0FFh and 100h to 1FFh).
In S-24CS08A, successive 1 bit is called the “Slave Addrdess”. This 1 bit is used to identify a device on the
system bus and is compared with the predetermined value which is defined by the address input pin (A2).
When the comparison result matches, the slave device responds with an acknowledge during the 9th
clocks cycle.
The successive 2 bits (P1 and P0) are used to define a page address and choose the four 256-byte
memory blocks (Address 000h to 0FFh, 100h to 1FFh, 200h to 2FFh and 300h to 3FFh).
Slave Address
1
0
1
0
A2
A1
A0
R/W
Device Code
LSB
MSB
S-24CS01A/02A
Slave / Page
Address
Device Code
S-24CS04A
1
0
1
0
A2
A1
P0
R/W
1
0
1
0
A2
P1
P0
R/W
LSB
MSB
S-24CS08A
Figure 12 Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com