Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 12Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 13Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 14Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 15Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 16Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 17Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 18Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 19Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
16
7. Read
7. 1 Current Address Read
Either in writing or in reading the E
2PROM holds the last accessed memory address, internally
incremented by one. The memory address is maintained as long as the power voltage is higher than the
current address hold voltage VAH.
The master device can read the data at the memory address of the current address pointer without
assigning the word address as a result, when it recognizes the position of the address pointer in the
E
2PROM. This is called "Current Address Read".
In the following the address counter in the E
2PROM is assumed to be “n”.
When the E
2PROM receives a 7-bit device address and a 1-bit read / write instruction code set to “1”
following a start condition, it responds with an acknowledge. However, the page address (P0) in S-
24CS04A and the page address (P1 and P0) in S-24CS08A become invalid and the memory address of
the current address pointer becomes valid.
Next an 8-bit data at the address "n" is sent from the E
2PROM synchronous to the SCL clock. The
address counter is incremented at the falling edge of the SCL clock for the 8th bit data, and the content of
the address counter becomes n
+1.
The master device outputs stop condition not an acknowledge ,the reading of E
2PROM is ended.
S
T
A
R
T
1 0 1 0
R
E
A
D
S
T
O
P
DEVICE
ADDRESS
R
/
W
M
S
B
SDA LINE
A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
A
C
K
L
S
B
ADR INC
1
DATA
NO ACK from
Master Device
Remark1. A1 is P1 in S-24CS08A.
2. A0 is P0 in S-24CS04A/08A.
Figure 16 Current Address Read
Attention should be paid to the following point on the recognition of the address pointer in the E
2PROM.
In the read operation the memory address counter in the E
2PROM is automatically incremented at every
falling edge of the SCL clock for the 8th bit of the output data. In the write operation, on the other hand,
the upper bits of the memory address (the upper bits of the word address and page address)
*1 are left
unchanged and are not incremented at the falling edge of the SCL clock for the 8th bit of the received
data.
*1.
S-24CS01A/02A is the upper 5 bits of the word address.
S-24CS04A is the upper 4 bits of the word address and the page address P0.
S-24CS08A is the upper 4 bits of the word address and the page address P1 and P0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com