Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S-24CS02A Datasheet HTML 19Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 20Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 21Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 22Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 23Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 24Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 25Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 26Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
Rev.4.4_00
S-24CS01A/02A/04A/08A
Seiko Instruments Inc.
23
4. Acknowledge check
The I
2C-bus protocol includes an acknowledge check function as a handshake function to prevent a
communication error. This function allows detection of a communication failure during data communication
between the microprocessor and E
2PROM. This function is effective to prevent malfunction, so it is
recommended to perform an acknowledge check on the microprocessor side.
5. Built-in power-on-clear circuit
E
2PROMs have a built-in power-on-clear circuit that initializes the E2PROM. Unsuccessful initialization
may cause a malfunction. For the power-on-clear circuit to operate normally, the following conditions must
be satisfied for raising the power supply voltage.
5. 1 Raising power supply voltage
Raise the power supply voltage, starting at 0.2 V maximum, so that the voltage reaches the power supply
voltage to be used within the time defined by tRISE as shown in Figure 27.
For example, when the power supply voltage to be used is 5.0 V, tRISE is 200 ms as shown in Figure 28.
The power supply voltage must be raised within 200 ms.
0.2 V
VINIT (Max.)
tINIT
*2 (Max.)
tRISE (Max.)
Power supply voltage (VCC)
0 V
*1
*1. 0 V means there is no difference in potential between the VCC pin and the
GND pin of the E
2PROM.
*2. tINIT is the time required to initialize the E
2PROM. No instructions are
accepted during this time.
Figure 27 Raising Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com