Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CS02A Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-24CS02A
Description  2-WIRE CMOS SERIAL E2PROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24CS02A Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-24CS02A Datasheet HTML 1Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 2Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 3Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 4Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 5Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 6Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 7Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 8Page - Seiko Instruments Inc S-24CS02A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2-WIRE CMOS SERIAL E2PROM
S-24CS01A/02A/04A/08A
Rev.4.4_00
Seiko Instruments Inc.
2
Pin Configurations
8-Pin DIP
Top view
Table 1
Pin No.
Symbol
Description
1
A0
Address input (No connection in S-24CS04A/08A
*1)
2
A1
Address input (No connection in S-24CS08A
*1)
3
A2
Address input
4
GND
Ground
5
SDA
Serial data input / output
6
SCL
Serial clock input
7
WP
Write protection input
Connected to VCC:
Protection valid
Connected to GND: Protection invalid
8
VCC
Power supply
*1. Connect to GND or VCC.
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
GND
A2
Figure 1
S-24CS01ADP-G
S-24CS02ADP-G
S-24CS04ADP-G
S-24CS08ADP-1G
Remark See Dimensions for details of the package drawings.
8-Pin SOP(JEDEC)
Top view
Table 2
Pin No.
Symbol
Description
1
A0
Address input (No connection in S-24CS04A/08A
*1)
2
A1
Address input (No connection in S-24CS08A
*1)
3
A2
Address input
4
GND
Ground
5
SDA
Serial data input / output
6
SCL
Serial clock input
7
WP
Write protection input
Connected to VCC:
Protection valid
Connected to GND: Protection invalid
8
VCC
Power supply
*1. Connect to GND or VCC.
Remark See Dimensions for details of the package drawings.
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
GND
A2
Figure 2
S-24CS01AFJ-TB-G
S-24CS01AFJ-TBH-G
S-24CS02AFJ-TB-G
S-24CS02AFJ-TBH-G
S-24CS04AFJ-TB-G
S-24CS04AFJ-TBH-G
S-24CS08AFJ-TB-1G
S-24CS08AFJ-TBH-1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com