Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 49 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 45Page - STMicroelectronics M41T93 Datasheet HTML 46Page - STMicroelectronics M41T93 Datasheet HTML 47Page - STMicroelectronics M41T93 Datasheet HTML 48Page - STMicroelectronics M41T93 Datasheet HTML 49Page - STMicroelectronics M41T93 Datasheet HTML 50Page - STMicroelectronics M41T93 Datasheet HTML 51Page - STMicroelectronics M41T93 Datasheet HTML 52Page - STMicroelectronics M41T93 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
DocID12615 Rev 8
49/56
M41T93
DC and AC parameters
56
Table 22. AC characteristics
Sym
Parameter(1)
1. Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.38 to 5.5 V (except where noted)
VCC < 2.7 V
VCC  2.7 V
Units
Min
Max
Min
Max
fSCL
SCL clock frequency
D.C.
5
D.C.
10
MHz
tELCH
E active setup time
90
30
ns
tEHCH
E not active setup time
90
30
ns
tEHEL
E deselect time
100
40
ns
tCHEH
E active hold time
90
30
ns
tCHEL
E not active hold time
90
30
ns
tCH(2)
2. tCH and tCL must never be lower than the shortest possible clock period, 1/fC(max)
Clock high time
90
40
ns
tCL(2)
Clock low time
90
40
ns
tCLCH(3)
3. Value guaranteed by characterization, not 100% tested in production
Clock rise time
1
2
μs
tCHCL(3)
Clock fall time
1
2
μs
tDVCH
Data in setup time
20
10
ns
tCHDX
Data in hold time
30
10
ns
tEHQZ(3)
Output disable time
100
40
ns
tCLQV
Clock low to output valid
60
40
ns
tCLQX
Output hold time
0
0
ns
tQLQH(3)
Output rise time
50
40
ns
tQHQL(3)
Output fall time
50
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com