Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 26Page - STMicroelectronics M41T93 Datasheet HTML 27Page - STMicroelectronics M41T93 Datasheet HTML 28Page - STMicroelectronics M41T93 Datasheet HTML 29Page - STMicroelectronics M41T93 Datasheet HTML 30Page - STMicroelectronics M41T93 Datasheet HTML 31Page - STMicroelectronics M41T93 Datasheet HTML 32Page - STMicroelectronics M41T93 Datasheet HTML 33Page - STMicroelectronics M41T93 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Clock operation
M41T93
30/56
DocID12615 Rev 8
Figure 14. Crystal isolation example
Note:
The substrate pad should be tied to VSS.
3.5
Setting the alarm clock registers
Address locations 0Ah-0Eh (alarm 1) and 14h-18h (alarm 2) contain the alarm settings.
Either alarm can be configured independently to go off at a prescribed time on a specific
month, date, hour, minute, or second, or repeat every year, month, day, hour, minute, or
second. Bits RPT15–RPT11 and RPT25-RPT21 put the alarms in the repeat mode of
operation. Table 6 on page 31 shows the possible bit configurations.
Codes not listed in the table default to the once-per-second mode to quickly alert the user of
an incorrect alarm setting. When the clock information matches the alarm clock settings
based on the match criteria defined by RPT15–RPT11 and/or RPT25-RPT21, AF1 (alarm 1
flag) or AF2 (alarm 2 flag) is set. If A1IE (alarm 1 interrupt enable) is set, the alarm condition
activates the IRQ/FT/OUT output pin. To disable either of the alarms, write a '0' to the alarm
date registers and to the RPTx5–RPTx1 bits.
Note:
If the address pointer is allowed to increment to the flag register address, or the last address
written is “Alarm Seconds,” the address pointer will increment to the flag address, and an
alarm condition will not cause the interrupt/flag to occur until the address pointer is moved to
a different address.
The IRQ output is cleared by a READ of the flags register (0Fh). A subsequent READ of the
flags register is necessary to see that the value of the alarm flag has been reset to 0.
The IRQ/FT/OUT pin can also be activated in the battery backup mode. This requires the
ABE bit (alarm in backup enable) to be set (see Section 3.14.2: Backup mode for additional
conditions which apply). Once an interrupt is asserted in backup mode, it will remain true
until VCC is restored and a subsequent read of the flags register occurs.
AI11814
Crystal
XI XO
VSS
Local Grounding
Plane (Layer 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com