Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 17Page - STMicroelectronics M41T93 Datasheet HTML 18Page - STMicroelectronics M41T93 Datasheet HTML 19Page - STMicroelectronics M41T93 Datasheet HTML 20Page - STMicroelectronics M41T93 Datasheet HTML 21Page - STMicroelectronics M41T93 Datasheet HTML 22Page - STMicroelectronics M41T93 Datasheet HTML 23Page - STMicroelectronics M41T93 Datasheet HTML 24Page - STMicroelectronics M41T93 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
DocID12615 Rev 8
21/56
M41T93
Clock operation
56
3.3
Real-time clock accuracy
The M41T93 is driven by a quartz controlled oscillator with a nominal frequency of
32,768 Hz. The accuracy of the real-time clock is dependent upon the accuracy of the
crystal, and the match between the capacitive load of the oscillator circuit and the capacitive
load for which the crystal was trimmed. Temperature also affects the crystal frequency,
causing additional error (see Figure 11 on page 26).
The M41T93 provides the option of clock correction through either manufacturing calibration
or in-application calibration. The total possible compensation is typically –93 ppm to +156
ppm. The two compensation circuits that are available are:
1.
The analog calibration register (12h) can be used to adjust internal (on-chip) load
capacitors for oscillator capacitance trimming. There are two load capacitors CXI and
CXO (see Figure 10), nominally 25 pF each, one on either side of the crystal. The
effective load capacitance is the series equivalent of CXI and CXO. For the nominal
25 pF, the effective load capacitance is 12.5pF.
Writing to the analog calibration register adjusts both capacitors by the same amount.
That is, the two capacitors will always have the same value. They can be adjusted up
or down in 0.25 pF steps. The maximum adjustment up is +9.75 pF for a total of
34.75 pF (17.4 pF effective load) to slow the oscillator. The maximum downward
adjustment is –18 pF for a total of 7 pF (3.5 pF effective load) to speed up the oscillator.
2.
A digital calibration register (08h) can also be used to adjust the clock counter by
adding or subtracting a pulse at the 512 Hz divider stage. This approach provides
periodic compensation of approximately –63 ppm to +126 ppm (see Digital calibration
(periodic counter correction) on page 22).
This range of load values translates to an approximate frequency range adjustment of
–15 to +95 ppm (see Analog calibration (programmable load capacitance) on page 25).
Figure 10. Internal load capacitance adjustment
AI11804
XO
XI
Crystal Oscillator
CXI
CXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com