Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 35 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 31Page - STMicroelectronics M41T93 Datasheet HTML 32Page - STMicroelectronics M41T93 Datasheet HTML 33Page - STMicroelectronics M41T93 Datasheet HTML 34Page - STMicroelectronics M41T93 Datasheet HTML 35Page - STMicroelectronics M41T93 Datasheet HTML 36Page - STMicroelectronics M41T93 Datasheet HTML 37Page - STMicroelectronics M41T93 Datasheet HTML 38Page - STMicroelectronics M41T93 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
DocID12615 Rev 8
35/56
M41T93
Clock operation
56
3.9
Square wave output
The M41T93 offers the user a programmable square wave function which is output on the
SQW pin. RS3-RS0 bits located in 13h establish the square wave output frequency. These
frequencies are listed in Table 10. Once the selection of the SQW frequency has been
completed, the SQW pin can be turned on and off under software control with the square
wave enable bit (SQWE) located in register 0Ah.
Note:
If the SQWE bit is set to '1', and VCC falls below the switchover (VSO) voltage, the
squarewave output will be disabled.
Table 10. Square wave output frequency
Square wave bits
Square wave
RS3
RS2
RS1
RS0
Frequency
Units
0
0
0
0
None
–
0
0
0
1
32.768
kHz
0
0
1
0
8.192
kHz
0
0
1
1
4.096
kHz
0
1
0
0
2.048
kHz
0
1
0
1
1.024
kHz
0
1
1
0
512
Hz
0
1
1
1
256
Hz
1
0
0
0
128
Hz
1
0
0
1
64
Hz
1
0
1
0
32
Hz
1
0
1
1
16
Hz
11008
Hz
11014
Hz
11102
Hz
11111
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com