Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 27Page - STMicroelectronics M41T93 Datasheet HTML 28Page - STMicroelectronics M41T93 Datasheet HTML 29Page - STMicroelectronics M41T93 Datasheet HTML 30Page - STMicroelectronics M41T93 Datasheet HTML 31Page - STMicroelectronics M41T93 Datasheet HTML 32Page - STMicroelectronics M41T93 Datasheet HTML 33Page - STMicroelectronics M41T93 Datasheet HTML 34Page - STMicroelectronics M41T93 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
DocID12615 Rev 8
31/56
M41T93
Clock operation
56
3.6
Optional second programmable alarm
When the alarm 2 enable (AL2E) bit (D1 of address 13h) is set to a logic 1, registers 14h
through 18h provide control for a second programmable alarm which operates in the same
manner as the alarm function described above. When the alarm 2 condition is met, the AF2
bit will be set. Reading the flags register (0Fh) will clear it. There is no IRQ2 interrupt output
on the M41T93, so no external event can be directly triggered by the alarm 2 function, but
the AF2 bit can be polled to initiate a response.
The AL2E bit defaults on initial power-up to a logic 0 (alarm 2 disabled). In this mode, the
five address bytes (14h-18h) function as additional user SRAM, for a total of 12 bytes of
non-volatile SRAM.
Figure 15. Backup mode alarm waveform
Note:
ABE and A1IE bits = 1.
3.7
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the watchdog
register, address 09h. Bits BMB4-BMB0 store a binary multiplier and the two lower order bits
RB1-RB0 select the resolution, where 00 = 1/16 second, 01 = 1/4 second, 10 = 1 second,
and 11 = 4 seconds. The amount of time-out is then determined to be the multiplication of
the five-bit multiplier value with the resolution. (For example: writing 00001110 in the
watchdog register = 3*1, or 3 seconds). If the processor does not reset the timer within the
VCC
IRQ/FT/OUT
AF1 bit in
flags register
HIGH-Z
VSO
VPFD
trec
AI11824
Table 6. Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com