Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 19Page - STMicroelectronics M41T93 Datasheet HTML 20Page - STMicroelectronics M41T93 Datasheet HTML 21Page - STMicroelectronics M41T93 Datasheet HTML 22Page - STMicroelectronics M41T93 Datasheet HTML 23Page - STMicroelectronics M41T93 Datasheet HTML 24Page - STMicroelectronics M41T93 Datasheet HTML 25Page - STMicroelectronics M41T93 Datasheet HTML 26Page - STMicroelectronics M41T93 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
DocID12615 Rev 8
23/56
M41T93
Clock operation
56
the digital calibration circuitry uses periodic counter correction which occurs downstream of
the 512 Hz divider chain and hence has no effect on the FT pin.
Note:
1
The modified pulses are not observable on the frequency test (FT) output, nor will the effect
of the calibration be measurable real-time, due to the periodic nature of the error
compensation.
2
Positive digital calibration is performed on an eight minute cycle, therefore the value in the
calibration register should not be modified more frequently than once every eight minutes
for positive values of calibration. Negative digital calibration is performed on a sixteen
minute cycle, therefore negative values in the calibration register should not be modified
more frequently than once every sixteen minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com