Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 32 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 28Page - STMicroelectronics M41T93 Datasheet HTML 29Page - STMicroelectronics M41T93 Datasheet HTML 30Page - STMicroelectronics M41T93 Datasheet HTML 31Page - STMicroelectronics M41T93 Datasheet HTML 32Page - STMicroelectronics M41T93 Datasheet HTML 33Page - STMicroelectronics M41T93 Datasheet HTML 34Page - STMicroelectronics M41T93 Datasheet HTML 35Page - STMicroelectronics M41T93 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Clock operation
M41T93
32/56
DocID12615 Rev 8
specified period, the M41T93 sets the WDF (watchdog flag) and generates a watchdog
interrupt.
The watchdog timer is reset by writing to the watchdog register. The time-out period then
starts over.
Watchdog interrupt
On the M41T93, provided that the necessary configuration bits are set, the IRQ/FT/OUT
output will be asserted when the watchdog times out (see Section 3.14 for additional
conditions which apply).
Should the watchdog time out, to de-assert the IRQ/FT/OUT output, the lower seven bits of
the watchdog register (09h) must be written. This will de-assert the output and re-initialize
the watchdog. Writing these seven bits to 0 will de-assert the output and disable the
watchdog.
A READ of the flags register will reset the watchdog flag (bit D7; register OFh) but not de-
assert the IRQ/FT/OUT output. The watchdog function is automatically disabled upon
power-up and the watchdog register is cleared.
3.8
8-bit (countdown) timer
The timer value register is an 8-bit binary countdown timer. It is enabled and disabled via the
timer control register (11h) TE bit. Other timer properties such as the source clock, or
interrupt generation are also selected in the timer control register (see Table 7). For
accurate read back of the countdown value, the serial clock (SCL) must be operating at a
frequency of at least twice the selected timer clock.
The timer control register selects one of four source clock frequencies for the timer (4096,
64, 1, or 1/60 Hz), and enables/disables the timer. The timer counts down from a software-
loaded 8-bit binary value (register 10h) and decrements to 1. On the next tick of the counter,
it reloads the timer countdown value and sets the timer flag (TF) bit. The TF bit can only be
cleared by software. When asserted, the timer flag (TF) can also be used to generate an
interrupt (IRQ/FT/OUT) on the M41T93. Writing the timer countdown value (10h) has no
effect on the TF bit or the IRQ/FT/OUT output.
3.8.1
Timer interrupt/output
On the M41T93, there are two choices for the output depending on the TI/TP configuration
bit (timer interrupt/timer pulse, bit 6, register 11h).
Normal interrupt mode
With TI/TP = 0, the output will assert like a normal interrupt, staying low until the TF bit is
cleared by software by reading the flags register (0Fh).
Free-running mode
When TI/TP is a 1, the output is a free-running waveform as depicted in Figure 16. After
being low for the specified time (as shown in Table 8), the output automatically goes high
Watchdog,
address 09h
D7
D6
D5
D4
D3
D2
D1
D0
OFIE
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com