Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 8Page - STMicroelectronics M41T93 Datasheet HTML 9Page - STMicroelectronics M41T93 Datasheet HTML 10Page - STMicroelectronics M41T93 Datasheet HTML 11Page - STMicroelectronics M41T93 Datasheet HTML 12Page - STMicroelectronics M41T93 Datasheet HTML 13Page - STMicroelectronics M41T93 Datasheet HTML 14Page - STMicroelectronics M41T93 Datasheet HTML 15Page - STMicroelectronics M41T93 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Operation
M41T93
12/56
DocID12615 Rev 8
2
Operation
The M41T93 clock operates as a slave device on the SPI serial bus. It is accessed by a
simple serial interface that is SPI bus-compatible. The bus signals are SCL, SDI, SDO,
and E (see Table 1 on page 7 and Figure 5 on page 10). The device is selected when the
chip enable input (E) is held low. All instructions, addresses and data are shifted serially in
and out of the chip. The most significant bit is presented first, with the data input (SDI)
sampled on the first rising edge of the clock (SCL) after the chip enable (E) goes low. The 32
bytes contained in the device can then be accessed sequentially in the following order:
1st byte: tenths/hundredths of a second register
2nd byte: seconds register
3rd byte: minutes register
4th byte: century/hours register
5th byte: day register
6th byte: date register
7th byte: month register
8th byte: year register
9th byte: digital calibration register
10th byte: watchdog register
11th - 15th bytes: alarm 1 registers
16th byte: flags register
17th byte: timer value register
18th byte: timer control register
19th byte: analog calibration register
20th byte: square wave register
21st - 25th bytes: alarm 2 registers
26th - 32nd bytes: user RAM
The M41T93 clock continually monitors VCC for an out-of tolerance condition. Should VCC
fall below VRST, the device terminates any access in progress and resets the device address
counter. Inputs to the device will not be recognized at this time to prevent erroneous data
from being written to the device from an out-of-tolerance system.
The power input will also be switched from the VCC pin to the external battery when VCC
falls below the battery back-up switchover voltage (VSO = VRST). At this time the clock
registers will be maintained by the battery supply. As system power returns and VCC rises
above VSO, the battery is disconnected, and the power supply is switched to external VCC.
The device remains write protected until tREC seconds elapse after VCC rises above
VPFD (min). For more information on battery storage life refer to application note AN1012.
2.1
SPI bus characteristics
The serial peripheral interface (SPI) bus is intended for synchronous communication
between different ICs. It consists of four signal lines: serial data input (SDI), serial data
output (SDO), serial clock (SCL) and a chip enable (E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com