Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 38 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 34Page - STMicroelectronics M41T93 Datasheet HTML 35Page - STMicroelectronics M41T93 Datasheet HTML 36Page - STMicroelectronics M41T93 Datasheet HTML 37Page - STMicroelectronics M41T93 Datasheet HTML 38Page - STMicroelectronics M41T93 Datasheet HTML 39Page - STMicroelectronics M41T93 Datasheet HTML 40Page - STMicroelectronics M41T93 Datasheet HTML 41Page - STMicroelectronics M41T93 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Clock operation
M41T93
38/56
DocID12615 Rev 8
3.12
Oscillator fail detection
If the oscillator fail (OF) bit is internally set to a 1, this indicates that the oscillator has either
stopped, or was stopped for some period of time. This bit can be used to judge the validity of
the clock and date data. This bit will be set to 1 any time the oscillator stops.
In the event the OF bit is found to be set to 1 at any time other than the initial power-up, the
STOP bit (ST) should be written to a 1, then immediately reset to 0. This will restart the
oscillator. This is called kick-starting, and it injects extra current into the oscillator for a short
period of time to help it get started.
The following conditions can cause the OF bit to be set:
The voltage present on VCC or battery is insufficient to support oscillation.
The ST bit is set to 1.
External interference of the crystal
The first time power is applied (defaults to a 1 on power-up).
Note:
If the OF bit cannot be written to 0 four seconds after the initial power-up, the user should
perform the kick-start of the oscillator as noted above. Kick-starting should only be
performed when the OF bit is set.
For the M41T93, if the oscillator fail interrupt enable bit (OFIE) is set to a 1, the IRQ/FT/OUT
pin will also be asserted (see Section 3.13 and Section 3.14 for additional conditions which
apply). The IRQ/FT/OUT output is de-asserted by resetting the OF bit to 0, NOT by reading
the flags register. The OF bit will remain a 1 until written to 0. Reading the flags register has
no effect on OF.
The oscillator must start and have run for at least 4 seconds before attempting to reset the
OF bit to 0.
The oscillator fail detect circuit functions during backup mode. If a triggering event occurs to
disrupt the oscillator during a power-down condition, the OF bit will be set accordingly.
3.13
Oscillator fail interrupt enable
With the OFIE bit set, the OF bit will cause the IRQ/FT/OUT output to be asserted (see
Section 3.14.1 and 3.14.2 for additional conditions that apply). The IRQ/FT/OUT output is
cleared by resetting the OF bit to 0 (NOT by reading the flags register). Clearing the OFIE
bit will also cause the IRQ/FT/OUT output to de-assert, but if OFIE is subsequently set prior
to clearing OF, the IRQ/FT/OUT output will assert immediately upon setting OFIE. Clearing
the OF bit is necessary to prevent such an inadvertent interrupt.
If the alarm in backup enable bit, ABE, is set (along with OFIE), the oscillator fail detect will
cause an interrupt in the IRQ/FT/OUT pin during backup mode. For additional information
on this, refer to Section 3.14.2.
3.14
IRQ/FT/OUT pin, frequency test, interrupts and the OUT bit
Four interrupt sources, the frequency test function, and the discrete output bit OUT all share
the IRQ/FT/OUT pin. Priority is built into the part such that some functions dominate others.
Additionally, the priority depends on configuration bits such as OUT and ABE, and on
whether the part is operating on VCC or is in the backup mode. This pin is an open drain
output and requires an external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com