Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 12Page - STMicroelectronics M41T93 Datasheet HTML 13Page - STMicroelectronics M41T93 Datasheet HTML 14Page - STMicroelectronics M41T93 Datasheet HTML 15Page - STMicroelectronics M41T93 Datasheet HTML 16Page - STMicroelectronics M41T93 Datasheet HTML 17Page - STMicroelectronics M41T93 Datasheet HTML 18Page - STMicroelectronics M41T93 Datasheet HTML 19Page - STMicroelectronics M41T93 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Clock operation
M41T93
16/56
DocID12615 Rev 8
3
Clock operation
The M41T93 is driven by a quartz-controlled oscillator with a nominal frequency of
32.768 kHz. The accuracy of the real-time clock depends on the frequency of the quartz
crystal that is used as the time-base for the RTC.
The 8-byte clock register (see Table 3 on page 20) is used to both set the clock and to read
the date and time from the clock, in binary coded decimal format. Tenths/hundredths of
seconds, seconds, minutes, and hours are contained within the first four registers.
Bit D7 of register 01h contains the STOP bit (ST). Setting this bit to a '1' will cause the
oscillator to stop. When reset to a '0' the oscillator restarts within one second (typical).
Note:
Upon initial power-up, the user should set the ST bit to a '1,' then immediately reset the ST
bit to '0.' This provides an additional “kick-start” to the oscillator circuit.
Bits D6 and D7 of clock register 03h (century/ hours register) contain the CENTURY bit 0
(CB0) and CENTURY bit 1 (CB1). Bits D0 through D2 of register 04h contain the day (day of
week). Registers 05h, 06h, and 07h contain the date (day of month), month, and years. The
ninth clock register is the digital calibration register, while the analog calibration register is
found at address 12h (these are both described in the clock calibration section). Bit D7 of
register 09h (watchdog register) contains the oscillator fail interrupt enable bit (OFIE). When
the user sets this bit to '1,' any condition which sets the oscillator fail bit (OF) (see Oscillator
fail detection on page 38) will also generate an interrupt output.
Note:
A WRITE to ANY location within the first eight bytes of the clock registers (00h-07h),
including the ST bit and CB0-CB1 bits will result in an update of the RTC counters and a
reset of the divider chain. This could result in an inadvertent change of the current time. For
example, the ST bit is in the seconds register (address 01h) and the century bits (CB0-CB1)
are in the hours register (address 03h), so the user should take care to not alter these other
parameters when changing the ST bit or the century bits.
The eight clock registers may be read one byte at a time, or in a sequential block. At the
start of a read cycle, a copy of the time/date counters is placed in the buffer/transfer
registers and can then be transferred out sequentially without concern that the time/date
increments during the transfer and thus yields a corrupt value. For example, if the user were
to read the seconds register, then start another bus cycle to read the minutes register, the
minutes counter could have incremented during the time between the two read cycles. The
seconds and minutes values would not be from the same instant in time; they would not be
coherent. By using the sequential read feature, the values shifted out are from the same
instant in time and are thus coherent.
Similarly, when writing to the RTC registers, during one write cycle, the user can
sequentially transfer all eight bytes of time/date into the buffer/transfer registers whereupon
they will be loaded simultaneously into the RTC counters thus ensuring a coherent update
of the time/date.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com