Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock (RTC) with battery switchover
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 2Page - STMicroelectronics M41T93 Datasheet HTML 3Page - STMicroelectronics M41T93 Datasheet HTML 4Page - STMicroelectronics M41T93 Datasheet HTML 5Page - STMicroelectronics M41T93 Datasheet HTML 6Page - STMicroelectronics M41T93 Datasheet HTML 7Page - STMicroelectronics M41T93 Datasheet HTML 8Page - STMicroelectronics M41T93 Datasheet HTML 9Page - STMicroelectronics M41T93 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Description
M41T93
6/56
DocID12615 Rev 8
1
Description
The M41T93 is a low-power serial SPI bus real-time clock (RTC) with a built-in 32.768 kHz
oscillator (external crystal-controlled for the QFN16 package, and embedded crystal for the
SOX18 package). Eight bytes of the register map are used for the clock/calendar function
and are configured in binary coded decimal (BCD) format. An additional 17 bytes of the
register map provide status/control of the two alarms, watchdog, 8-bit counter, and square
wave functions. An additional seven bytes are made available as user SRAM.
Addresses and data are transferred serially via a serial SPI bus-compatible interface. The
built-in address register is incremented automatically after each WRITE or READ data byte.
The M41T93 has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply when a power failure occurs. The energy
needed to sustain the clock operations can be supplied by a small lithium button battery
when a power failure occurs.
Functions available to the user include a non-volatile, time-of-day clock/calendar, alarm
interrupt, watchdog timer, programmable 8-bit counter, and square wave outputs. The eight
clock address locations contain the century, year, month, date, day, hour, minute, second,
and tenths/hundredths of a second in 24-hour BCD format. Corrections for 28, 29 (leap
year), 30, and 31 day months are made automatically. The M41T93 is supplied in either a
QFN16 or an SOX18, 300 mil SOIC which includes an embedded 32 KHz crystal. The
SOX18 package requires only a user-supplied battery to provide non-volatile operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com