Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 32 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 32 Page - RAMXEED LIMITED

Back Button MS85RS1MTY Datasheet HTML 28Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 29Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 30Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 31Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 32Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 33Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 34Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 35Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 36Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
32
DS501-00096-1v0-E
2. Emboss Tape (MS85RS1MTYPNF-GS-BDERE1)
2.1 Tape Dimensions (not drawn to scale)
(8-pin plastic SOP)
Maximum storage capacity
pcs/reel(Φ254mm)
pcs/inner box
pcs/outer box
1500
1500
(1 pack/inner box)
9000
(6 inner boxes/outer box:Max)
(Dimensions in mm)
Heat proof temperature : No heat resistance.
Package should not be baked by
using tape and reel.
8.00
4.00
0.30
2.00
B
B
A
A
6.10
SEC.A-A
SEC.B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com