Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 16 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 16 Page - RAMXEED LIMITED

Back Button MS85RS1MTY Datasheet HTML 12Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 13Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 14Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 15Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 16Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 17Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 18Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 19Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 20Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
16
DS501-00096-1v0-E
BLOCK PROTECT
Writing protect block for WRITE command is configured by the value of BP0 and BP1 in the status register.
WRITING PROTECT
Writing operation of the WRITE command and the WRSR command are protected with the value of WEL,
WPEN, WP as shown in the table.
HOLD OPERATION
Hold status is retained without aborting a command if HOLD is “L” level while CS is “L” level. The timing for
starting and ending hold status depends on the SCK to be “H” level or “L” level when a HOLD pin input is
transited to the hold condition as shown in the diagram below. In case the HOLD pin transited to “L” level
when SCK is “L” level, return the HOLD pin to “H” level at SCK being “L” level. In the same manner, in case
the HOLD pin transited to “L” level when SCK is “H” level, return the HOLD pin to “H” level at SCK being “H”
level. Arbitrary command operation is interrupted in hold status, SCK and SI inputs become do not care.
And, SO becomes High-Z while reading command (RDSR, READ). If CS is rising during hold status, a
command is aborted. In case the command is aborted before its recognition, WEL holds the value before
transition to hold status.
BP1
BP0
Protected Block
0
0
None
0
1
18000H to 1FFFFH (upper 1/4)
1
0
10000H to 1FFFFH (upper 1/2)
1
1
00000H to 1FFFFH (all)
WEL
WPEN
WP
Protected Blocks
Unprotected Blocks
Status Register
0
X
X
Protected
Protected
Protected
1
0
X
Protected
Unprotected
Unprotected
1
1
0
Protected
Unprotected
Protected
1
1
1
Protected
Unprotected
Unprotected
SCK
CS
Hold Condition
HOLD
Hold Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com