Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 23 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 23 Page - RAMXEED LIMITED

Back Button MS85RS1MTY Datasheet HTML 19Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 20Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 21Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 22Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 23Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 24Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 25Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 26Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 27Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
DS501-00096-1v0-E
23
FeRAM CHARACTERISTICS
*1:The value for Read/Write endurance apply to the total number of read and write operations per row in FeRAM.
This is because FeRAM needs writing operation after each reading operations. Each row in the memory
array has 32 internal outputs, and 8 outputs are selected by A0 and A1. In continuous Read/Write operations,
after selecting a certain address and automatically incrementing until A0 and A1 change from (0,0) to (1,1),
the Read/Write count endurance count is totaled as one operation. Subsequently, when incrementing auto-
matically and switching to the next row, each row is counted as a new Read/Write operation. If /CS is raised
and then the same row is selected again, it is counted as the second operation for that row.
*2: Minimum values define retention time of the first reading/writing data right after shipment, and these values
are calculated by qualification results.
*3: Under evaluation for more than 5.9 years(+125 C).
NOTE ON USE
We recommend programming of the device after reflow except for special sector region and serial number
region. Data written before reflow cannot be guaranteed.
Parameter
Value
Unit
Remarks
Min
Max
Read/Write Endurance*1
1013
Times
Operation Ambient Temperature TA   125 C
Data Retention*2
5.9 or more*3
Years
Operation Ambient Temperature TA   125 C
19.1
Operation Ambient Temperature TA   105 C
70.4
Operation Ambient Temperature TA   85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com