Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 5 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 5 Page - RAMXEED LIMITED

  MS85RS1MTY Datasheet HTML 1Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 2Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 3Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 4Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 5Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 6Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 7Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 8Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
DS501-00096-1v0-E
5
STATUS REGISTER
Bit No.
Bit Name
Function
7
WPEN
Status Register Write Protect
This is a bit composed of nonvolatile memories (FeRAM). WPEN protects
writing to a status register (refer to “ WRITING PROTECT”) relating with
WP input. Writing with the WRSR command and reading with the RDSR
command are possible.
6 to 4
Not Used Bits
These are bits composed of nonvolatile memories, writing with the WRSR
command is possible. These bits are not used but they are read with the
RDSR command.
3
BP1
Block Protect
This is a bit composed of nonvolatile memory. This defines size of write
protect block for the WRITE command (refer to “ BLOCK PROTECT”).
Writing with the WRSR command and reading with the RDSR command
are possible.
2
BP0
1
WEL
Write Enable Latch
This indicates FeRAM Array and status register are writable. The WREN
command is for setting, and the WRDI command is for resetting. With the
RDSR command, reading is possible but writing is not possible with the
WRSR command. WEL is reset after the following operations.
After power ON.
After WRDI command recognition.
After return from DPD mode.
After return from Hibernate mode.
Achieving continuous writing mode, WEL is not reset after following oper-
ations making it possible to execute writing commands continuously.
After WRSR command recognition.
After WRITE command recognition.
After WRSN command recognition.
After SSWR command recognition.
0
0
This is a bit fixed to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com