Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 6 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 6 Page - RAMXEED LIMITED

Back Button MS85RS1MTY Datasheet HTML 2Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 3Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 4Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 5Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 6Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 7Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 8Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 9Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 10Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
6
DS501-00096-1v0-E
OP-CODE
MS85RS1MTY accepts 16 kinds of command specified in op-code. Op-code is a code composed of 8 bits
shown in the table below. Do not input invalid codes other than those codes. If CS is risen while inputting
op-code, the command are not performed.
Name
Description
Op-code
WREN
Set Write Enable Latch
0000 0110B
WRDI
Reset Write Enable Latch
0000 0100B
RDSR
Read Status Register
0000 0101B
WRSR
Write Status Register
0000 0001B
READ
Read Memory Code
0000 0011B
WRITE
Write Memory Code
0000 0010B
FSTRD
Fast Read Memory Code
0000 1011B
DPD
Deep Power Down Mode
1011 1010B
HIBERNATE
Hibernate Mode
1011 1001B
RDID
Read Device ID
1001 1111B
RUID
Read Unique ID
0100 1100B
WRSN
Write Serial Number
1100 0010B
RDSN
Read Serial Number
1100 0011B
SSWR
Write Special Sector
0100 0010B
SSRD
Read Special Sector
0100 1011B
FSSRD
Fast Read Special Sector
0100 1001B
RFU
Reserved
1100 1110B
1100 1111B
1100 1100B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com