Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 11 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 11 Page - RAMXEED LIMITED

Back Button MS85RS1MTY Datasheet HTML 7Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 8Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 9Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 10Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 11Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 12Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 13Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 14Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 15Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
DS501-00096-1v0-E
11
WRSN
The WRSN command writes data to serial number region which is allowed to write only one time. After
performing WRSN op-code to SI, 64bits of writing data is input. Once wrote, the serial number region is
protected, disabling to overwrite even when issuing WRSN command.
WP signal level shall be fixed before performing WRSN command, and do not change the WP signal level
until the end of command sequence.
RDSN
The RDSN command reads 64 bits of serial number which is written using WRSN command. After
performing RDSN op-code to SI, 64-cycle clock to SCK. The SI value is invalid for this time. SO is output
synchronously to a falling edge of SCK. When reading serial number from devices which no WRSN com-
mand is executed, “0” for all bits are output.
  
The serial number is stable between before and after reflow. Refer “ REFLOW CONDITIONSAND FLOOR
LIFE” for the reflow condition.
SO
SCK
SI
CS
7
6
5
4
3
2
1
0
Data in
Data in
High-Z
11
10
9
8
65
64
63
71
70
69
68
67
66
62
60
61
63
1100001
0
20
1
3
64
5
7
8
SO
SCK
SI
CS
MSB
7
6
5
4
3
2
1
0
Data Out
Data Out
High-Z
LSB
11
10
9
8
65
64
63
71
70
69
68
67
66
Invalid
62
60
61
63
11000011
20
1
3
64
5
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com