Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 15 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 15 Page - RAMXEED LIMITED

Back Button MS85RS1MTY Datasheet HTML 11Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 12Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 13Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 14Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 15Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 16Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 17Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 18Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 19Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
DS501-00096-1v0-E
15
HIBERNATE
The HIBERNATE command shifts the LSI to a low power mode called “HIBERNATE mode”. The transition
to the HIBERNATE mode is carried out at the rising edge of CS after operation code in the HIBERNATE
command. However, when at least one SCK clock is inputted before the rising edge of CS after operation
code in the HIBERNATE command, this HIBERNATE command is canceled.
After the HIBERNATE mode transition, SCK and SI inputs are ignored and SO changes to a High-Z state.
Returning to an normal operation from the HIBERNATE mode is carried out after tRECHIB (Max 450 s) time
from the falling edge of CS (see the figure below). It is possible to return CS to H level before tRECHIB time.
However, it is prohibited to bring down CS to L level again during tRECHIB period.
Enter Hibernate Mode
CS
SCK
SI Invalid
Invalid
High-Z
Hibernate Mode Entry
67
012345
SO
0
101110
1
CS
CS
tRECHIB
Exit Hibernate Mode
Hibernate Mode Exit
tCSWL
From this time
Command input enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com