Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MS85RS1MTY Datasheet HTML 1Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 2Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 3Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 4Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 5Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 6Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 7Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 8Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
1M (128K  8) Bit SPI
MS85RS1MTY(AEC-Q100 Compliant)
DESCRIPTION
MS85RS1MTY is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 131,072
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming
the nonvolatile memory cells. This product is specifically targeted for high-temperature environment such
as automobile applications.
MS85RS1MTY adopts the Serial Peripheral Interface (SPI).
The MS85RS1MTY is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MS85RS1MTY can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
As MS85RS1MTY does not need any waiting time in writing process, the write cycle time of MS85RS1MTY
is much shorter than that of Flash memories or E2PROM.
FEATURES
• Bit configuration
: 131,072 words  8 bits
• Special Sector Region
: 256 words  8 bits
In this region, data storage after (by) three times reflow based on
JEDEC MSL-3 standard condition is guaranteed.
• Unique ID
• Serial Number
: 64 bits
In this region, data storage after (by) three times reflow based on
                  
JEDEC MSL-3 standard condition is guaranteed.
• Serial Peripheral Interface
: SPI (Serial Peripheral Interfaces)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Operating frequency
: 50 MHz (Max)
• High endurance
: 1013 times (+125 C),
• Data retention
: 70.4 years (+85 C),
19.1 years (+105 C),
5.9 years (+125 C) or more
Under evaluation for more than 5.9 years(+125 C)
• Operating power supply voltage
: 1.8 V to 3.6 V
• Low power consumption
: Operating power supply current 4mA (Max@50 MHz)
Standby current 150A (Max)
Deep Power Down current 30A (Max)
Hibernate current 10A (Max)
• Operation ambient temperature range :  40 C to +125 C
• Package
8-pin plastic SOP (150mil)
8-pin plastic DFN (5mm x 6mm)
RoHS compliant
DS501-00096-1v0-E


Similar Part No. - MS85RS1MTY

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MS85R4M1TA RAMXEED-MS85R4M1TA Datasheet
960Kb / 25P
4 M (512 K × 8) Bit
MS85R4M1TAFN-G-JAE2 RAMXEED-MS85R4M1TAFN-G-JAE2 Datasheet
960Kb / 25P
4 M (512 K × 8) Bit
MS85R4M2TA RAMXEED-MS85R4M2TA Datasheet
985Kb / 26P
4 M (256 K × 16) Bit
MS85R4M2TAFN-G-JAE2 RAMXEED-MS85R4M2TAFN-G-JAE2 Datasheet
985Kb / 26P
4 M (256 K × 16) Bit
MS85RC1MTY RAMXEED-MS85RC1MTY Datasheet
2Mb / 37P
1M (128 K  8) Bit I2C
More results

Similar Description - MS85RS1MTY

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH531000B SHARP-LH531000B Datasheet
51Kb / 6P
CMOS 1M (128K x 8) MROM
logo
fujitsu semiconductor
MBM29LV001TC FUJITSU-MBM29LV001TC Datasheet
421Kb / 49P
1M (128K x 8) BIT
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
1M-BIT [128K x 8] CMOS EPROM
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
1M-BIT [128K x 8/64K x 16] CMOS EPROM
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Toshiba Semiconductor
TC531001 TOSHIBA-TC531001 Datasheet
235Kb / 5P
1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com