Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MS85RS1MTY Datasheet HTML 10Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 11Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 12Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 13Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 14Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 15Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 16Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 17Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
14
DS501-00096-1v0-E
DPD(Deep Power Down)
The DPD command shifts the LSI to a low power mode called “DPD mode”. The transition to the DPD mode
is carried out at the rising edge of CS after operation code in the DPD command. However, when at least
one SCK clock is inputted before the rising edge of CS after operation code in the DPD command, this DPD
command is canceled.
After the DPD mode transition, SCK and SI inputs are ignored and SO changes to a High-Z state.
Returning to an normal operation from the DPD mode is carried out after tRECDPD (Max 10 s) time from the
falling edge of CS (see the figure below). It is possible to return CS to H level before tRECDPD time. However,
it is prohibited to bring down CS to L level again during tRECDPD period.
Enter DPD Mode
CS
SCK
SI Invalid
Invalid
High-Z
DPD Mode Entry
67
012345
SO
0
1011101
CS
CS
tRECDPD
Exit DPD Mode
DPD Mode Exit
tCSWL
From this time
Command input enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com