Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 24 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 24 Page - RAMXEED LIMITED

Back Button MS85RS1MTY Datasheet HTML 20Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 21Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 22Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 23Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 24Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 25Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 26Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 27Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 28Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
24
DS501-00096-1v0-E
ESD AND LATCH-UP
REFLOW CONDITIONS AND FLOOR LIFE
[ JEDEC MSL ] : Moisture Sensitivity Level 3 (IPC/JEDEC J-STD-020E)
Current status on Contained Restricted Substances
This product complies with the regulations of REACH Regulations, EU RoHS Directive and China RoHS. 
Test
DUT
Value
ESD HBM (Human Body Model)
JEDEC JS001 compliant
MS85RS1MTYPNF-GS-BDE1
MS85RS1MTYPNF-GS-BDERE1
MS85RS1MTYPN-GS-AWE1
MS85RS1MTYPN-GS-AWEWE1
|2000 V|
ESD CDM (Charged Device Model)
JEDEC JS002 compliant
|1000 V|
Latch-Up (I-test)
JESD78 compliant
|125mA|
Latch-Up (Vsupply overvoltage test)
JESD78 compliant
5.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com